Part Number Hot Search : 
LM317L PZM22N 105K1 MS5F5 78DL08 LC75710N 1H106 SB113
Product Description
Full Text Search
 

To Download 15SMC68CA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 W NE
1.5SMC6.8CA THRU 1.5SMC200CA
vw
Central
DESCRIPTION
TM
Semiconductor Corp.
BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS, 6.8 THRU 200 VOLTS
The CENTRAL SEMICONDUCTOR 1.5SMC6.8CA Series types are Surface Mount Bi-Directional Glass Passivated Junction Transient Voltage Suppressors designed to protect voltage sensitive components from high voltage transients. THIS DEVICE IS MANUFACTURED WITH A GLASS PASSIVATED CHIP FOR OPTIMUM RELIABILITY. SMC CASE Note: For Uni-directional devices, please refer to the 1.5SMC6.8A Series data sheet.
ey i db pcf Sei
BREAKDOWN VOLTAGE
MAXIMUM RATINGS (TA=25C ) SYMBOL Peak Power Dissipation Peak Forward Surge Current (JEDEC Method) Operating and Storage Junction Temperature ELECTRICAL CHARACTERISTICS (TA=25C )
BREAKDOWN VOLTAGE WORKING PEAK TYPE NO. MAXIMUM REVERSE LEAKAGE @VRWM MAXIMUM REVERSE SURGE CURRENT MAXIMUM REVERSE VOLTAGE @IRSM MAXIMUM TEMP. COEFFICIENT MARKING CODE
UNITS 1500 200 -65 to +150 W A C
PPM IFSM TJ,Tstg
VBR
VOLTS MIN NOM 6.8 7.5 8.2 9.1 10 11 12 13 15 16 18 20 MAX 7.14 7.88 8.61 9.55 10.5 11.6 12.6 13.7 15.8 16.8 18.9 21.0
@IT
REVERSE VOLTAGE
mA 10 10 10 1 1 1 1 1 1 1 1 1
VRWM VOLTS
5.8 6.4 7.02 7.78 8.55 9.4 10.2 11.1 12.8 13.6 15.3 17.1
IR mA
1000 500 200 50 10 5 5 5 5 5 5 5
IRSM
A 143 132 124 112 103 96 90 82 71 67 59.5 54
VRSM VOLTS
10.5 11.3 12.1 13.4 14.5 15.6 16.7 18.2 21.2 22.5 25.2 27.7
%/C 0.057 0.061 0.065 0.068 0.073 0.075 0.078 0.081 0.084 0.086 0.088 0.090 C6V8C C7V5C C8V2C C9V1C C10C C11C C12C C13C C15C C16C C18C C20C
1.5SMC6.8CA 1.5SMC7.5CA 1.5SMC8.2CA 1.5SMC9.1CA 1.5SMC10CA 1.5SMC11CA 1.5SMC12CA 1.5SMC13CA 1.5SMC15CA 1.5SMC16CA 1.5SMC18CA 1.5SMC20CA
6.45 7.13 7.79 8.65 9.5 10.5 11.4 12.4 14.3 15.2 17.1 19.0
82
BREAKDOWN VOLTAGE WORKING PEAK TYPE NO. VBR VOLTS MIN 1.5SMC22CA 1.5SMC24CA 1.5SMC27CA 1.5SMC30CA 1.5SMC33CA 1.5SMC36CA 1.5SMC39CA 1.5SMC43CA 1.5SMC47CA 1.5SMC51CA 1.5SMC56CA 1.5SMC62CA 1.5SMC68CA 1.5SMC75CA 1.5SMC82CA 1.5SMC91CA 1.5SMC100CA 1.5SMC110CA 1.5SMC120CA 1.5SMC130CA 1.5SMC150CA 1.5SMC160CA 1.5SMC170CA 1.5SMC180CA 1.5SMC200CA 20.9 22.8 25.7 28.5 31.4 34.2 37.1 40.9 44.7 48.5 53.2 58.9 64.6 71.3 77.9 86.5 95.0 104.5 114 123.5 142.5 152 161.5 171 190 NOM 22 24 27 30 33 36 39 43 47 51 56 62 68 75 82 91 100 110 120 130 150 160 170 180 200 MAX 23.1 25.2 28.4 31.5 34.7 37.8 41 45.2 49.4 53.6 58.8 65.1 71.4 78.8 86.1 95.5 105 115.5 126 136.5 157.5 168 178.5 189 210 mA 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 @IT REVERSE VOLTAGE V RWM VOLTS 18.8 20.5 23.1 25.6 28.2 30.8 33.3 36.8 40.2 43.6 47.8 53.0 58.1 64.1 70.1 77.8 85.5 94.0 102 111 128 136 145 154 171 MAXIMUM REVERSE LEAKAGE @VRWM IR mA 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 MAXIMUM REVERSE SURGE CURRENT IRSM A 49 45 40 36 33 30 28 25.3 23.2 21.4 19.5 17.7 16.3 14.6 13.3 12 11 9.9 9.1 8.4 7.2 6.8 6.4 6.1 5.5 MAXIMUM REVERSE VOLTAGE @IRSM VRSM VOLTS 30.6 33.2 37.5 41.4 45.7 49.9 53.9 59.3 64.8 70.1 77 85 92 103 113 125 137 152 165 179 207 219 234 246 274 %/C 0.092 0.094 0.096 0.097 0.098 0.099 0.100 0.101 0.101 0.102 0.103 0.104 0.104 0.105 0.105 0.106 0.106 0.107 0.107 0.107 0.108 0.108 0.108 0.108 0.108 C22C C24C C27C C30C C33C C36C C39C C43C C47C C51C C56C C62C C68C C75C C82C C91C C100C C110C C120C C130C C150C C160C C170C C180C C200C MAXIMUM TEMP. COEFFICIENT MARKING CODE
All Dimensions in Inches (mm).
TOP VIEW
R2
83


▲Up To Search▲   

 
Price & Availability of 15SMC68CA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X